Part Number Hot Search : 
SMD33PT 4FCT2 D7804 GSIB6A05 CSC3100 T1100 STA1088 B3200
Product Description
Full Text Search
 

To Download L-1043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  package dimensions description the green and super bright green source color devices are made with gallium phosphide green light emitting diode. the high efficiency red source color devices are made with gallium arsenide phosphide on gallium phosphide orange light emitting diode. the yellow source color devices are made with gallium arsenide phosphide on gallium phosphide yellow light emitting diode. the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. features l flat rectangular light emitting surface. l single & dual colors. l third (mixed) color available for 3 leads version. l ideal as flush mounted panel indicators. l excellent on/off contrast. l long life - solid state reliability. selection guide notes: 1. q 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.*luminous intensity with asterisk is measured at 20ma. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01 ") unless otherwise noted. 3. lead spacing is measured where the lead emer- ge package. 4. specifications are subjected to change without notice. kingbright ? part no. dice lens type iv (mcd) @ 10 ma viewing angle min. max. 2q1/2 L-1043id high efficiency red (gaasp/gap) red diffused 5 20 100 L-1043gd green (gap) green diffused 2 8 100 L-1043yd yellow (gaasp/gap) yellow diffused 2 8 100 L-1043srd super bright red (gaalas) red diffused *32 *100 100 L-1043sgd super bright green (gap) green diffused *5 *12.5 100 l-1049egw high efficiency red (gaasp/gap) white diffused *8 *20 100 green (gap) *2 *8 100 l-1049srsgw-cc super bright red (gaalas) white diffused *32 *100 100 super bright green (gap) *20 *50 100 3.65x6.15mm single chip led light bars L-1043i high efficiency red L-1043g green L-1043sr super bright red L-1043y yellow L-1043sg super bright green l-1049eg high efficiency red / green l-1049srsg super bright red / super bright green
6-l1043-2 l peak electrical / optical characteristics at t a =25 c i r v f c dl 1/2 absolute maximum ratings at t a =25 c notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 4mm below package base. parameter high efficiency red green yellow super bright red super bright green units power dissipation 105 105 105 100 105 mw dc forward current 30 25 30 30 25 ma peak forward current [1] 150 150 150 150 150 ma reverse voltage 5 5 5 5 5 v operation/storage temperature -40 to +85 lead solder temperature [2] 260 for 5 seconds c c c symbol parameter device typ. max. units test conditions peak wavelength high efficiency red green yellow super bright red super bright green 625 565 590 660 565 nm if=20ma spectral line halfwidth high efficiency red green yellow super bright red super bright green 45 30 35 20 30 nm if=20ma capacitance high efficiency red green yellow super bright red super bright green 12 45 10 95 45 pf vf=0v;f=1mhz forward voltage high efficiency red green yellow super bright red super bright green 2.0 2.2 2.1 1.85 2.2 2.5 2.5 2.5 2.5 2.5 v if=20ma reverse current all 10 ua vr = 5v
6-l1043-3 high efficiency red L-1043id green L-1043gd
6-l1043-4 yellow L-1043yd super bright red L-1043srd
6-l1043-5 super bright green L-1043sgd high efficiency red / green l-1049egw
6-l1043-6 super bright red / super bright green l-1049srsgw-cc


▲Up To Search▲   

 
Price & Availability of L-1043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X